Part Number Hot Search : 
TC4066BF BR205 HC123 L6384 LTC14 EM274211 D30N03 1N4463
Product Description
Full Text Search
 

To Download 1N914B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON SEMICONDUCTOR
TECHNICAL SPECIFICATION
1N914B
1N914B SIGNAL DIODE
Absolute Maximum Ratings (Ta=25C) Items Symbol Ratings Unit Reverse Voltage VR 75 V Reverse Recovery trr 4 ns Time Power Dissipation P 500 mW 3.33mW/C (25C) Forward Current IF 300 mA Junction Temp. Tj -65 to 175 C Storage Temp. Tstg -65 to 175 C Mechanical Data
Items Package Case Lead/Finish Chip Materials DO-35 Hermetically sealed glass Double stud/Solder Plating Glass Passivated
26 MIN Dimensions in millimeters
Dimensions (DO-35)
DO-35
26 MIN 0.457 DIA. 0.559
4.2 max. 2.0 DIA. max.
Electrical Characteristics (Ta=25C) Ratings Minimum Breakdown Voltage IR= 5.0uA IR= 100uA Peak Forward Surge Current PW= 1sec. Maximum Forward Voltage IF= 100mA Maximum Reverse Current VR= 20V VR= 75V VR= 20V, Tj= 150C Maximum Junction Capacitance VR= 0, f= 1 MHz Maximum Reverse Recovery Time IF= 10mA, VR= 6V, IRR= 1mA, RL= 100
Symbol BV
Ratings 75 100 0.5 1.0
Unit V
IFsurge VF IR
A V uA
0.025 5.0 50 Cj 4 trr 4 ns pF
RECTRON USA
1315 John Reed Court, Industry, CA 91745 Tel: (626) 333-3802 Fax: (626) 330-6296 www.rectron.com


▲Up To Search▲   

 
Price & Availability of 1N914B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X